Part Number Hot Search : 
74LV1G 00B0L L6370D 1N4980 FKI07174 DBB08 SSOB002V 87607
Product Description
Full Text Search
 

To Download 1120050009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: Drawing (PDF)
1120050009 Active
BradCommunicationsTM Direct-LinkTM PC104-DVNIO DeviceNet card, PC/104 bus
RoHS Certificate of Compliance (PDF)
General
Product Family Series Approvals Communication Speed Mounting Style Product Name Protocol Type Network Interface 112005 N/A 1K to 500K bps N/A Direct-Link(R) DeviceNet* Master/Slave DeviceNet* Card Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Channels Interface Network Connection Type Packaging Type Processor Temperature Range - Operating 1 CANopen* Combicon (5 pin) Carton AMD SD520 0C to +65C
Electrical
EMC Supply Voltage N/A 6W (max. 1.2A)
Material Info
Old Part Number DRL-DVN-104 Search Parts in this Series 112005Series
Reference - Drawing Numbers
Sales Drawing E-112005-0009
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
BradCommunicationsTM Direct-LinkTM DeviceNet network interface cards allow deterministic I/O data acquisition for PC-based control applications.
11 Sep. 06 DW200592
Direct-LinkTM DeviceNet
Data acquisition for real time Control applications
PCI-Universal
Features
* NEW! RoHS compliant * Automatic devices detection on
the network
* Connect PC-Based Control
applications directly to I/O devices
* Protocol: DeviceNet Master/Slave * 1 Serial or Ethernet port for
remote configuration and diagnostic
PC/104
Overview
BradCommunicationsTM Direct-LinkTM is a low range of automation components for industrial communication. It includes a variety of products such as diagnostic tools, intelligent connectors, tunneling gateways, fieldbuses network interface cards, and software drivers for industrial networks. Simple as they are affordable, BradCommunicationsTM Direct-LinkTM products allow you to acquire the equipment to develop your architectures and industrial applications at a lower cost. Direct-LinkTM products are characterized by their simple use and fast implementation; they are modular and scalable. Moreover, they are designed to be easily embedded into computerized systems and are available in a wide selection of form factors.
* Embedded Communication on the
card for powerful data throughput
* Automatic I/O mapping for easy
configuration
* Certified by the ODVA Test Lab
OS supported
Standard package
Powerful Network Interface card
Particularly, the BradCommunicationsTM Direct-LinkTM DeviceNet interface cards are equipped with 1 DeviceNet port handling DeviceNet protocol in both Master/Scanner and Slave modes up to 500Kbps. A smart A.D.M (Automatic Dual port ram Mapping) mechanism avoids the I/O tags configuration in the Dual Port RAM of the card. More than a simple I/O acquisition card, the Direct-LinkTM PCU-DVNIO/PC104-DVNIO interfaces provide the applications with additional information such as: device status and diagnostics, process data read/write monitoring, communication tools for troubleshooting, hardware and software Watchdog, etc. The communication layers are completely embedded on the card, allowing easy and fast communication with field devices resulting in remarkable application performance. Product package includes: Graphical console for configuration and diagnostic tools Data servers (Multi-protocol OPC DA 3.0 & 2.05, ActiveX, DAServer, FastDDE/SuiteLink) I/O libraries for Windows (DLL) and Ardence's hard real time extensions (RTX) Static library for non-windows OS Drivers for soft-logic packages
*
Windows 32-bit (XP SP1/ 2000 SP4 / NT SP6, 2003 Server), Ardence RTX
Free Download
*
Windows XP Embedded, QNX, VxWorks, Linux, Phar Lap ETS, DOS
Woodhead is a member of ODVA (Open Device Vendors Association)
Direct-LinkTM DeviceNet
Software tools
Direct-LinkTM Interface cards provide effective software tools enabling fast integration of industrial communication into your applications. The console is common to all fieldbuses of Woodhead offer as Profibus-DP, EtherNet/IP, Modbus/TCP and CANopen.
Hardware specifications
PCU-DVNIO
Bus interface Processor Memory Interruption DPRAM Address Dimensions (L x W) Consumption Operating T Storage T Discrete Input PCI Universal 3.3/5V, PCI-X compatible NEW
PC104-DVNIO
PC/104 bus
AMD SC520 8 Mbytes SDRAM Hardware Plug&Play 2, 3, 4, 5, 6, 7, 10, 11, 12, 14, 15 Hardware Plug&Play From C8000 to DE000 (2 Kbytes used per card) (8 Kbytes used per card) 168mm x 107mm (6.61" x 4.21") 95mm x 90mm (3.74" x 3.54") 6W (max. 1.2A) 5W (max. 0.8A)
0C (32 F) up to +70 C (149 F) -40C (-40F) up to +80C (176F) -40C (-40 F) up to +85C (185 F) -40C (-40 F) up to +85C (185 F)
- Configuration console Discrete Output EMC Compliance RoHS Compliance
Opto-coupled discrete input Voltage -> DC +10 to +30 or AC 24 V (50 to 60 Hz) "WatchDog" output contact free from potential (floating) (24V DC, 0.25 A) EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3 YES
NEW
1 DeviceNet port
Connector type CAN Controller CAN Transceiver Speed LED indicators Standard DeviceNet connector (female connector with screw and HE13 ( 2 x 5 pins) resistance terminator included) Phillips SJA 1000 Phillips 82C251 in conformity with DeviceNet specifications 125, 250, 500 Kbps 1 Status LED / 1 transmission LED
- OPC Browser -
Port for remote configuration and diagnostic
Port Type Connector type LED indicators Electrical interface Speed Ethernet port NEW BaseT - RJ45 4 LEDs - TX/RX/Link/100 Mbps Ethernet IEEE 802.3 10/100 Mbps (auto-negotiation) Asynchronous Serial port HE13 (2 x 5 pins) RS232 50 to 38400 bps
- ActiveX implementation -
Protocol Specifications
Master/Slave modes run simultaneously Devices supported: "Group 2 Only Server" and "U.C.M.M" Manage up to 63 nodes Node parameter online configuration I/O Slave messaging: Strobe, Polling, Cyclic and Change of State Explicit and I/O Peer to Peer messaging I/O data image: up to 2 Kbytes Integrated data consistency Direct access to variable types (bit, byte, word, double word) Up to 255 Bytes by Slave EDS Library
DeviceNet
Ordering Information
Part Number
DRL-DVN-PCU - Diagnostic and test tools DRL-DVN-104
Product Description
BradCommunicationsTM Direct-LinkTM PCU-DVNIO DeviceNet card, PCI-Universal bus, 3.3/5V BradCommunicationsTM Direct-LinkTM PC104-DVNIO DeviceNet card, PC/104 bus
For product and technical information, visit: www.woodhead.com
North America: Europe: Asia: US +1 800 225 7724 - Canada +1 519 725 5136 France, +33 2 32 96 04 20 - Germany, +49 711 782 3740 - Italy, +39 010 59 30 77 - United Kingdom, +44 1495 356300 China, +86 21 50328080 - Singapore, +65 261 6533 - Japan, +81 3 5791 4621
BradCommunications and Direct-Link are trademarks of Woodhead Industries, Inc. (c) 2006 Woodhead Industries, Inc.


▲Up To Search▲   

 
Price & Availability of 1120050009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X